Part Number Hot Search : 
AN5150 FAN7393 1020B D1378 FG50N06L C237B TMP90 4A15H
Product Description
Full Text Search
 

To Download HERF1601CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HERF1601CT thru HERF1608CT
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS FEATURES
Low power lose;high efficiency Low forward voltage drop Low thermal resistance High current capability High speed switching High reliability
REVERSE VOLTAGE FORWARD CURRENT
- 50 to 1000Volts - 16.0 Amperes
ITO-220AB
.138(3.5) .122(3.1) .118(3.0) .102(2.6) .189(4.8) .173(4.4) .118(3.0) .106(2.7)
.406(10.3) .386(9.8)
.610(15.5) .571(14.5)
MECHANICAL DATA
Case: ITO-220AB molded plastic Epoxy: UL94V-0 rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting position :Any Weight: 2.24 grams polarity:As marked
.157(4.0) .142(3.6)
.059(1.5) .043(1.1) .030(0.76) .020(0.51) .112(2.84) .088(2.24)
.071(1.8) .055(1.4) .571(14.5) .531(13.5)
.114(2.9) .098(2.5)
.030(0.76) .020(0.51)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Typical Thermal Resistance Typical Junction Capacitance (Note2) Peak Forward Voltage at 8.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage @TJ=25 @TJ=100 @TA =75
SYMBOL VRRM VRMS VDC IO
HERF HERF HERF HERF HERF HERF HERF HERF 1601CT 1602CT 1603CT 1604CT 1605CT 1606CT 1607CT 1608CT 50 100 200 300 400 600 800 1000 35 50 70 100 140 200 210 300 16.0 280 400 420 600 560 800 700 1000
UNIT V V V A
IFSM RJA CJ VF IR TRR TJ,TSTG 1.0
300 2.5 40 1.3 10 150 60 -55 to + 150 1.7
A /W pF V A nS
Maximum Reverse Recovery Time(Note1) Operating and Storage Temperature Range NOTES:1.Measured with IF=0.5A,IR=1A,IRR=0.25A
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0VDC.
~ 132 ~
RATING AND CHARACTERTIC CURVES HERF1601CT thru HERF1608CT
FIG.1- TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT,(A) 20 1000 16 12 8 4 0 INSTANTANEOUS REVERSE CURRENT(uA)
SINGLE PHASE HALF WAVE 60HZ RESISTIVE OR INDUCTIVE LOAD
FIG.2-TYPICAL REVERSE CHARACTERISTICS
TJ=100C
100
0
50
100
150
AMBIENT TEMPERATURE
10
FIG.3-MAXIMUM NON-REPETITVE FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT,(A) 300 250 200 150 100 50 0 1 2 10 20 5 5 NUMBER OF CYCLES AT 60HZ 50 100 8.3 ms Single Half-Sine-Wave (JEDEC METOD)
TJ=25C 1.0
0.1 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
FIG.4-TYPICAL INSTANTAEOUS FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD CURRENT,(A) 40 20 10 4 2 1.0 0.4 0.2 0.1 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
HERF1601CT HERF1603CT
FIG.5-TYPICAL JUNCTION CAPACITANCE 200 100 JUNCTION CAPACITANCE(pF) 40 20 10 TJ=25C
HERF1604CT HERF1605CT HERF1606CT - HERF1608CT
TJ=25C PULSE WIDTH 300uS 1% DUTY CYCLE
4 2 1 0.1 0.2 0.4 1 2 4 10 20 40 100
INSTANTANEOUS FORWARD VOLTAGE, (V)
REVERSE VOLTAGE,(V)
~ 133 ~


▲Up To Search▲   

 
Price & Availability of HERF1601CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X